Part Number Hot Search : 
LCE28A TDA3853 02007 CS0603 M3A14FAG 2SC6142 1N5822 G5693
Product Description
Full Text Search
 

To Download APT2X101D20J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular sot-227 package ? low forward voltage ? high blocking voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters ? snubber diode ? uninterruptible power supply (ups) ? induction heating ? high speed rectifiers ultrafast soft recovery rectifier diode 053-2005 rev c 1-2004 apt website - http://www.advancedpower.com static electrical characteristics characteristic / test conditions maximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 102c, duty cycle = 0.5) rms forward current (square wave, 50% duty) non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature range symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg unit volts amps c apt2x101_100d20j 200 100 171 1000 -55 to 150 maximum ratings all ratings: t c = 25c unless otherwise specified. dual die isotop ? package anti-parallel parallel 2 1 3 23 4 14 sot-227 2 1 3 4 apt2x100d20j APT2X101D20J APT2X101D20J 200v 100a apt2x100d20j 200v 100a symbol v f i rm c t unit volts a pf min typ max 1.0 1.1 1.4 0.9 500 1000 400 forward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 100a i f = 200a i f = 100a, t j = 125c v r = v r rated v r = v r rated, t j = 125c
053-2005 rev c 1-2004 dynamic characteristics thermal and mechanical characteristics apt reserves the right to change, without notice, the specifications and information contained herein. characteristic / test conditions junction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum terminal & mounting torque symbol r jc r ja w t torque min typ max .33 20 1.03 29.2 10 1.1 unit c/w oz g lb?in n?m min typ max - 39 -60 - 200 -6- - 110 - 840 -15- -80 - 1910 -44 unit ns nc amps ns nc amps ns nc amps characteristic reverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 100a, di f /dt = -200a/ s v r = 133v, t c = 25 c i f = 100a, di f /dt = -200a/ s v r = 133v, t c = 125 c i f = 100a, di f /dt = -1000a/ s v r = 133v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model apt2x101_100d20j 0.0294 c/w 0.0700 c/w 0.230 c/w 0.00051 j/ c 0.0310 j/ c 0.700 j/ c power (watts) junction temp ( c) rc model case temperature ( c)
053-2005 rev c 1-2004 apt2x101_100d20j typical performance curves t j = 125 c v r = 133v 50a 100a 130a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55 c t j = 25 c t j = 125 c t j = 150 c v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change duty cycle = 0.5 t j = 150 c t j = 125 c v r = 133v 200 180 160 140 120 100 80 60 40 20 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 800a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 130a 100a 50a 300 250 200 150 100 50 0 2000 1500 1000 500 0 0 0.5 1 1.5 2 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 100a 50a 130a t j = 125 c v r = 133v 120 100 80 60 40 20 0 50 40 30 20 10 0 1.2 1.0 0.8 0.6 0.4 0.2 0 4000 3500 3000 2500 2000 1500 1000 500 0 0 25 50 75 100 125 150 25 50 75 100 125 150 .3 1 10 100 200
053-2005 rev c 1-2004 apt2x101_100d20j 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform apt20m20lfll apt?s products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign pat ents pending. all rights reserved. isotop ? is a registered trademark of sgs thomson. anode 1 31.5 (1.240) 31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307) 8.2 (.322) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504) 14.9 (.587) 15.1 (.594) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) hex nut m4 h100 (4 places) 0.75 (.030) 0.85 (.033) 12.6 (.496) 12.8 (.504) 25.2 (0.992) 25.4 (1.000) 1.95 (.077) 2.14 (.084) anode 2 anti-parallel parallel cathode 1 r = 4.0 (.157) (2 places) 4.0 (.157) 4.2 (.165) (2 places) w=4.1 (.161) w=4.3 (.169) h=4.8 (.187) h=4.9 (.193) (4 places) 3.3 (.129) 3.6 (.143) cathode 2 anode 1 cathode 2 anode 2 cathode 1 apt2x100d20j APT2X101D20J sot-227 package outline


▲Up To Search▲   

 
Price & Availability of APT2X101D20J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X